Part Number Hot Search : 
11R0J 13374 KIA6278S ML6440CH SD01432G HIP8112A CEP9N25 1C101MDD
Product Description
Full Text Search
 

To Download FDA2002D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  104 high street, west wickham, london. br4. 0nf. england. 05/08/2005 ph: +44 208 325 1062, fax: +44 208 181 6751 page 1 of 3 www.fiduciauk.com sales@fiduciauk.com product specification monochrome lcd module part number : FDA2002D description : 2x20 character revision : rev a approval for specification only approval for sample only approval for mass pr oduction approval for pre-production x
FDA2002D ( 20 characters x 2 lines ) features electrical characteristics 5 x 7 dots with cursor item symbol condition min. typ. max. unit built-in controller (ks0066 or equivalent) lcd operating t=0 - 4.8 - v 5 v power supply voltage v dd -v o t=25 - 4.5 - v 1/16 duty cycle t=50 - 4.2 - v 4.2 v led forward voltage supply voltage v dd -v ss - 4.7 5 5.3 v supply current i dd - - 3.2 6 ma input "high" level v ih - 2.2 - v dd v voltage "low" level v il - 0 - 0.6 v mechanical data output "high" level v oh - 2.4 - - v item unit voltage "low" level v ol - - - 0.4 v module size (w x h x t) 80.0 x 36.0 x 8.8 ( 12.7 led ) mm viewing area ( w x h ) 65.0 x 16.0 mm block diagram character size ( w x h ) 2.56 x 5.56 mm character pitch (w x h) 3.06 x 5.94 mm dot size ( w x h ) 0.48 x 0.66 mm dot pitch ( w x h ) 0.56 x 0.70 mm interface pin connections no. symbol no. symbol function 1v ss supply ground 9 db2 data bit 2 2v dd supply voltage 10 db3 data bit 3 3v o contrast adj. 11 db4 data bit 4 4 rs register select 12 db5 data bit 5 5 r/w read/write 13 db6 data bit 6 6 e enable signal 14 db7 data bit 7 7 db0 data bit 0 15 a led power 8 db1 data bit 1 16 k led power external dimensions function dimensions lcd controller lcd panel lcd segment dri ver led backlight com16 seg40 4 db0 db7 rs r/w e vo vdd vss a k seg60


▲Up To Search▲   

 
Price & Availability of FDA2002D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X